Part Number Hot Search : 
21045 BAV199 EHF16Z1 RF151 RF151 220K02 01M50 TW2816
Product Description
Full Text Search
 

To Download SS12-SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS12 thru SS110
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS FEATURES
For surface mounted applications Metal-Semiconductor junction with guarding Epitaxial construction Very low forward voltage drop High current capability
REVERSE VOLTAGE - 20 to 100 Volts FORWARD CURRENT - 1.0 Ampere SMA
.062(1.60) .055(1.40)
.114(2.90) .098(2.50)
Plastic material has UL flammability classification 94V-0
For use in low voltage, high frequency inverters,
.181(4.60) .157(4.00) .012(.305) .006(.152) .103(2.62) .079(2.00) .060(1.52) .030(0.76) .008(.203) .002(.051)
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case Molded Plastic Polarity: lndicated by cathode band Weight: 0.002 ounces,0.053 grams
.208(5.28) .188(4.80)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TL=100
SYMBOL VRRM VRMS VDC I(AV)
SS12 20 14 20
SS13 30 21 30
SS14 40 28 40
SS15 50 35 50 1.0
SS16 60 42 60
SS18 80 56 80
SS110 100 70 100
UNIT V V V A
IFSM VF IR CJ RJL TJ TSTG 0.55
40 0.70 1.0 0.85
A V mA pF /W
10
110 20 -55 to + 125 -55 to + 150
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead.
~ 184 ~
RATING AND CHARACTERTIC CURVES SS12 thru SS110
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, (AMPERES 1.00 AVERAGE FORWARD CURRENT (AMPERES) 40 FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
0.75
30
0.50
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
20
0.25
10
PULSE WIDTH 8.3mS SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 25 50 75 100 125 150 175
0 1 2 5 10 20 50 100
LEAD TEMPERATURE FIG.3-TYPICAL FORWARD CHARACTERISTICS 20 10 INSTANTANEOUS FORWARD CURRENT, (A) CAPACITANCE PF
SS12-SS14
NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 1000
SS15-SS16
SS18-SS110
100
1.0
TJ = 25C PULSE WIDTH 300us 1% DUTY CYCLE
TJ=25 f=1MHZ
10 0.1 1.0 4.0 10.0 100 1.5 1.7 REVERSE VOLTAGE,(VOLTS)
0.1 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (mA )
10
T J=125
T J=100
1.0
0.1
0.01
T J=25
0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 185 ~


▲Up To Search▲   

 
Price & Availability of SS12-SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X